PART |
Description |
Maker |
BSAC5.0 |
LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
|
Rectron Semiconductor
|
LCE9.0 |
LOW CAPACITANCE TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
New Jersey Semi-Conduct...
|
LCE6.5 LCE6.5A LCE7.0A LCE7.5A LCE8.0 LCE8.0A LCE9 |
Low Capacitance TRANSZORB Transient Voltage Suppressors Peak Pulse Power 1500W
|
Vishay
|
SMCG24 SMCG24A SMCJ5.0 SMCJ60 SMCJ60A SMCJ78 SMCJ1 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 CMOS Hex Inverter 14-CDIP -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk INDUCTEL SENSOR RS 485-232 CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 Replaced by CD4020B : CMOS 14-Stage Ripple-Carry Binary Counter/Divider 16-CDIP -55 to 125 SURFACE MOUNT TRANSZORB垄芒 TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor] http://
|
PI3B32160 PI3B32160A PI3B32160AE |
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch⑩ with Precharged Outputs 3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch with Precharged Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
SRDA12-4 SRDA12-4TB SRDA12-4TE SRDA3.3-4 SRDA3.3-4 |
RailClamp垄莽 Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array RailClamp Low Capacitance TVS Diode Array RailClamp庐 Low Capacitance TVS Diode Array RailClamp? Low Capacitance TVS Diode Array
|
Semtechoration SEMTECH_ELEC[SEMTECH ELECTRONICS LTD.] Semtech Corporation Semtech Electronics Limited
|
BB641 Q62702-B792 SIEMENSAG-Q62702-B792 |
Silicon Variable Capacitance Diode (For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance) From old datasheet system
|
SIEMENS AG Infineon Siemens Group SIEMENS[Siemens Semiconductor Group]
|
SR12 SR12.TC SR12.TCT |
RailClamp? Low Capacitance TVS Diode Array RailClamp庐 Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array
|
http:// Semtech Corporation
|
ADG1233 ADG1234 |
Low Capacitance, Triple SPDT ¡¾15 V/12 V iCMOS¢â Switch Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch From old datasheet system
|
Analog Devices
|
ADG1209YCPZ-REEL7 ADG1208YCPZ-REEL1 ADG1209YRZ ADG |
Low Capacitance, 4-/8-Channel -15 V/ 12 V iCMOS Multiplexers 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, QCC16 Low Capacitance, 4-/8-Channel 15 V/ 12 V iCMOS Multiplexers Low Capacitance, 4-/8-Channel, ±15 V/ 12 V iCMOS Multiplexers
|
Analog Devices, Inc.
|
LS840-14 |
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
|
Linear Integrated Syste...
|
ESDALC6V1P6 |
QUAD LOW CAPACITANCE TRANSILARRAY FOR ESD PROTECTION 四TRANSIL⑩低电容ESD保护阵列 QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
|
STMicroelectronics N.V. ST Microelectronics
|